generated 7/19/2017 - 4758c9b5-ced9-448f-b6cd-86e2a7fcac90 kemet part number: C1206C224M5UACTU (c1206c224m5uac7800) ceramic, smd comm z5u, 0.22 uf, 20%, 50 v, 1206, z5u, smd, mlcc, general purpose, class iii dimensions l 3.2mm +/-0.2mm w 1.6mm +/-0.2mm t 0.9mm +/-0.10mm b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 4000 general information style: smd chip series: smd comm z5u chip size: 1206 description: smd, mlcc, general purpose, class iii features: class iii rohs: yes termination: tin marking: no failure rate: n/a miscellaneous: note: referee time for z5u dielectric for this part number is 1000 hours specifications capacitance: 0.22 uf capacitance tolerance: 20% voltage dc: 50 vdc dielectric withstanding voltage: 125 v temperature range: +10/+85c temperature coefficient: z5u dissipation factor: 4% 1khz 25c aging rate: 7% loss/decade hour insulation resistance: 455 mohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|